Part Number Hot Search : 
AEXXXX 47N50 A2543W MV53152 STK4362 DDML0416 2647S DDML0416
Product Description
Full Text Search
 

To Download 52089-0719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0520890719 status: active overview: description: 1.00mm (.039") pitch ffc/fpc connector, through-hole, right angle, low profile, zif, top contact style receptacle, 7 circuits, lead-free general product family ffc/fpc connectors series 52089 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 7 color - resin natural contact position top durability (mating cycles max) 20 entry angle 90 angle mated height (in) 0.118 in mated height (mm) 3.00 mm material - metal phosphor bronze material - plating mating tin-bismuth material - plating termination tin-bismuth material - resin nylon, polyester number of rows 1 orientation right angle pc tail length (in) 0.079 in pc tail length (mm) 2.00 mm pcb retention none pcb thickness recommended (in) 0.024 in pcb thickness recommended (mm) 0.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -20c to +80c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 0.2a, 0.4a, 0.5a voltage - maximum 50v material info reference - drawing numbers packaging specification spk-52089-001 product specification ps-52089-013, rps-52089-011, rps-52089-014 sales drawing sd-52089-001 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52089 series
this document was generated on 06/04/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 52089-0719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X